PART |
Description |
Maker |
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
SMLJ6.5 SMLJ7.5A SMLJ6.0A SMLJ6.5A SMLJ8.0 SMLJ8.5 |
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 740740201 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp. Micro Commercial Compon...
|
MASMLJ60AE3 MQSMLG43ATR |
3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI CORP-SCOTTSDALE
|
BAL-CW1250D3 |
50Ω nominal input / conjugate match balun to CW1250/1260/1150/1160, with integrated harmonic filter
|
ST Microelectronics
|
SMDJ26AC |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
SGA-74891 |
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
|
SIRENZA MICRODEVICES
|
RS3000 |
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
MA4EX370H-1225 MA4EX370H-1225T |
Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
|
MACOM[Tyco Electronics]
|
Z150FG Z150SG |
15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
3KPSMC28A-W |
3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB ROHS COMPLIANT, PLASTIC SMC-2
|
Rectron Semiconductor
|
SP300S SP250S |
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
|